PART |
Description |
Maker |
IDT74LVC823A IDT74LVC823APY |
3.3V CMOS 9-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O 3.3V的CMOS 9位总线接口触发器具有三态输出和5伏电压的I / O 3.3V CMOS 9-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O LVC/LCX/Z SERIES, 9-BIT DRIVER, TRUE OUTPUT, PDSO24
|
Integrated Device Technology, Inc.
|
MM74C74N MM74C74 MM74C74M MM74C74MX |
Dual D Flip-Flop; Package: SOIC; No of Pins: 14; Container: Tape & Reel CMOS SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO14 From old datasheet system Dual D-Type Flip-Flop
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MC10E131FNR2 MC10E131FNR2G MC10E131_06 MC100E131 M |
5V ECL 4-Bit D Flip-Flop 100E SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PQCC28
|
ONSEMI[ON Semiconductor]
|
74AC175 74AC175MTC 74AC175PC 74AC175SC 74AC175SJ 7 |
From old datasheet system Quad D-Type Flip-Flop IC FLIP FLOP D TYPE POSITIVE-EDGE QUAD 16TSSOP T/R Microprocessor-Compatible, 14-Bit DACs AC SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO16
|
Fairchild Semiconductor, Corp.
|
IDT74ALVCH162820 |
3.3V CMOS 10-BIT FLIP FLOP WITH DUAL OUTPUTS
|
Integrated Device Techn...
|
AM29C921PC AM29C921/BLA AM29C923/BLA |
600V 30A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-254AA package; A HFA35HB60C with Standard Packaging 10位D型触发器 10-Bit D-Type Flip-Flop 10位D型触发器 9-Bit D-Type Flip-Flop 9位D型触发器
|
FCI Avago Technologies, Ltd.
|
IDT74LVC16821A 74LVC16821A_DS_3868 |
3.3V CMOS 20-BIT D-TYPE FLIP-FLOP From old datasheet system
|
IDT
|
MC74LCX16374DTR2 |
Low-Voltage CMOS 16-Bit D-Type Flip-Flop
|
ON Semiconductor
|
MC74LCX16374DTG MC74LCX1637412 M74LCX16374DTR2G |
Low-Voltage CMOS 16-Bit D-Type Flip-Flop
|
ON Semiconductor
|
MC100EP16VA MC100EP17 MC100EP29 MC100EP35 MC100EP4 |
3.3V / 5V ECL Differential Receiver/Driver with High Gain 3.3V / 5V ECL Quad Differential Driver/Receiver 3.3V / 5V ECL Dual Differential Data and Clock D Flip?Flop With Set and Reset 3.3V / 5V ECL JK Flip?Flop 3.3V/5V ECL 8?Bit Serial/Parallel Converter 3.3V / 5V ECL Differential Data and Clock D Flip?Flop 3.3V / 5V ECL 4:1 Differential Multiplexer 3.3V / 5V ECL 2:1 Multiplexer 9?Bit TTL to ECL Translator 3.3V / 5V ECL 8?Bit Synchronous Binary Up Counter 3.3V / 5V ECL 2?Input Differential AND/NAND 3.3V / 5V ECL Quad 4?Input OR/NOR 3.3V / 5V ECL Quad 2?Input Differential AND/NAND 3.3 V / 5 V Hex Differential Line Receiver/Driver 3.3V / 5V ECL 1:2 Differential Fanout Buffer 3.3V / 5V ECL 卤2/4, 卤4/5/6 Clock Generation Chip 3.3V / 5V ECL Differential Receiver/Driver with Internal Termination 3.3V ECL Programmable Delay Chip 3.3V / 5V ECL D Flip?Flop with Set and Reset 3.3V / 5V ECL 卤2 Divider 3.3V / 5V ECL 卤4 Divider 3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter 3.3V / 5V ECL 6?Bit Differential Register with Master Reset 3.3V / 5V ECL D Flip?Flop with Reset and Differential Clock 3.3V / 5V ECL Dual Differential 2:1 Multiplexer 3.3V / 5V ECL Coaxial Cable Driver ?3.3V / ?5V Triple ECL Input to LVPECL/PECL Output Translator 3.3V LVTTL/LVCMOS to Differential LVPECL Translator
|
ONSEMI[ON Semiconductor]
|
74LCX16821 74LCX16821MEA 74LCX16821MTD 74LCX16821M |
Low Voltage 20-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs 20-Bit D-Type Flip-Flop LVC/LCX/Z SERIES, DUAL 10-BIT DRIVER, TRUE OUTPUT, PDSO56 From old datasheet system Low Voltage 20-Bit D-Type Flip-Flops with 5V Tolerant Inputs and Outputs
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
HD74HC73 HD74HC73FP HD74HC73P |
FLIP-FLOP|DUAL|J/K TYPE|HC-CMOS|DIP|14PIN|PLASTIC Dual J-K Flip-Flops (with Clear) FLIP-FLOP|DUAL|J/K TYPE|HC-CMOS|SOP|14PIN|PLASTIC
|
HITACHI[Hitachi Semiconductor]
|